Part Number Hot Search : 
MAX14515 SFF430M 02330YZ TAT40013 75XKCT BA7785FS SCPAR05 MCR264
Product Description
Full Text Search
 

To Download P8006EVG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p-channel logic level enhancement mode field effect transistor P8006EVG sop-8 lead-free niko-sem 1 sep-30-2004 absolute maximum ratings (t c = 25 c unless otherwise noted) parameters/test conditions symbol limits units drain-source voltage v ds -55 v gate-source voltage v gs 20 v t c = 25 c -4.5 continuous drain current t c = 70 c i d -3.5 pulsed drain current 1 i dm -20 a t c = 25 c 2.5 power dissipation t c = 70 c p d 1.3 w operating junction & storage temperature range t j , t stg -55 to 150 lead temperature ( 1 / 16 ? from case for 10 sec.) t l 275 c thermal resistance ratings thermal resistance symbol typical maximum units junction-to-ambient r ja 50 c / w 1 pulse width limited by maximum junction temperature. 2 duty cycle 1 % electrical characteristics (t c = 25 c, unless otherwise noted) limits parameter symbol test conditions min typ max unit static drain-source breakdown voltage v (br)dss v gs = 0v, i d = -250 a -55 gate threshold voltage v gs(th) v ds = v gs , i d = -250 a -1 -1.5 -2.5 v gate-body leakage i gss v ds = 0v, v gs = 20v 250 na v ds = -44v, v gs = 0v 1 zero gate voltage drain current i dss v ds = -36v, v gs = 0v, t j = 125 c 10 a on-state drain current 1 i d(on) v ds = -5v, v gs = -10v -20 a v gs = -4.5v, i d = -3.5a 90 150 drain-source on-state resistance 1 r ds(on) v gs = -10v, i d = -4.5a 60 80 m ? forward transconductance 1 g fs v ds = -10v, i d = -4.5a 9 s product summary v (br)dss r ds(on) i d -55v 80m ? -4.5a g s d 4 :gate 5,6,7,8 :drain 1,2,3 :source
p-channel logic level enhancement mode field effect transistor P8006EVG sop-8 lead-free niko-sem 2 sep-30-2004 dynamic input capacitance c iss 760 output capacitance c oss 90 reverse transfer capacitance c rss v gs = 0v, v ds = -30v, f = 1mhz 40 pf total gate charge 2 q g 15 gate-source charge 2 q gs 2.5 gate-drain charge 2 q gd v ds = 0.5v (br)dss , v gs = -10v, i d = -4.5a 3.0 nc turn-on delay time 2 t d(on) 7 14 rise time 2 t r v ds = -20v, 10 20 turn-off delay time 2 t d(off) i d ? -1a, v gs = -10v, r gs = 6 ? 19 34 fall time 2 t f 12 22 ns source-drain diode ratin gs and characteristics (t c = 25 c) continuous current i s -1.3 pulsed current 3 i sm -2.6 a forward voltage 1 v sd i f = i s , v gs = 0v -1 v reverse recovery time t rr i f = -3.5 a, dl f /dt = 100a / s 15.5 ns reverse recovery charge q rr 7.9 nc 1 pulse test : pulse width 300 sec, duty cycle 2  . 2 independent of operating temperature. 3 pulse width limited by maximum junction temperature. remark: the product marked with ?P8006EVG?, date code or lot # orders for parts with lead-free plating can be placed using the pxxxxxxg parts name.
p-channel logic level enhancement mode field effect transistor P8006EVG sop-8 lead-free niko-sem 3 sep-30-2004 typical performance characteristics body diode forward voltage variation with source current and temperature t = 125 c -v - body diode forward voltage(v) -is - reverse drain current(a) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 25 c v = 0v 1 10 100 a gs 1.0 0.8 1.2 -55 c 1.4
p-channel logic level enhancement mode field effect transistor P8006EVG sop-8 lead-free niko-sem 4 sep-30-2004
p-channel logic level enhancement mode field effect transistor P8006EVG sop-8 lead-free niko-sem 5 sep-30-2004 soic-8(d) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 4.8 4.9 5.0 h 0.5 0.715 0.83 b 3.8 3.9 4.0 i 0.18 0.254 0.25 c 5.8 6.0 6.2 j 0.22 d 0.38 0.445 0.51 k 0 4 8 e 1.27 l f 1.35 1.55 1.75 m g 0.1 0.175 0.25 n


▲Up To Search▲   

 
Price & Availability of P8006EVG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X